Part Number Hot Search : 
XC25BS5 84NHM BYT53F PA1214 N25F40 76129S 1067659 MAU156
Product Description
Full Text Search
 

To Download 3DD13001-TO-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
3DD13001
TRANSISTORNPN (c)
TO 92
FEATURES Power dissipation PCM : 1.25 W Tamb=25ae(c) Collector current ICM : 0.2 A Collector-base voltage V(BR)CBO : 600 V Operating and storage junction temperature range T J T stg: -55aeto +150ae ELECTRICAL CHARACTERISTICS Tamb=25ae
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE(c) 1 DC current gain hFE(c) 2 Collector-emitter saturation voltage Base-emitter saturation voltage VCE(sat) VBE(sat)
1.BASE
2.COLLECTOR
3.EMITTER
123
unless
Test
otherwise
MIN
specified(c)
TYP MAX UNIT V V V 100 200 100 |I A |I A |I A
conditions
Ic= 100|I =0 A IE IC= 1 mA , IB=0
600 400 7
IE= 100 |I IC=0 A VCB= 600 V , IE=0 VCE= 400 V , IB=0 VEB= 7 V , VCE= 20 IC=0
V, IC= 20m A
10 5
70
VCE= 10V, IC= 0.25 mA IC= 50mA, IB= 10 m A IC= 50 mA, IB= 10m A VCE= 20 V, I =20mA C
0.5 1.2
V V
Transition frequency
f
T
8
MHz
f = 1MHz
Fall time Storage time
t
f
IC=50mA, IB1=-IB2=5mA, VCC=45V
0.3 1.5
|I s |I s
tS
CLASSIFICATION OF hFE(1)
Range 10-15 15-20 20-25 25-30 30-35 35-40 40-45 45-50 50-55 55-60 60-65 65-70
TO-92 PACKAGE OUTLINE DIMENSIONS
D
D1
A
A1
E
b |O
e e1
Symbol A A1 b c D D1 E e e1 L O
Dimensions In Millimeters Min 3.300 1.100 0.380 0.360 4.400 3.430 4.300 1.270TYP 2.440 14.100 0.000 2.640 14.500 1.600 0.380 4.700 Max 3.700 1.400 0.550 0.510 4.700 Min
L
Dimensions In Inches Max 0.146 0.055 0.022 0.020 0.185 0.185 0.050TYP 0.096 0.555 0.000 0.104 0.571 0.063 0.015 0.130 0.043 0.015 0.014 0.173 0.135 0.169
C


▲Up To Search▲   

 
Price & Availability of 3DD13001-TO-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X